Part Number Hot Search : 
68000 G4PC30 1375HV G4PC30 60BW0 60BW0 PSB21150 G4PC30
Product Description
Full Text Search
 

To Download H16101ME-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8-9 electrical specifications @ 25  c note : operating temperature : 0  c-70  c all models meet isolation voltage (hipot) of 1500vrms c ompliant with ieee 802.3 standards including baseline wander compensation specification of 350 h ocl when biased at 8ma from o  cto70  c r ohs -r peak solder rating 260 , non-rohs peak solder rating 225 for rohs part, add suffix -r s ingle channel interface for 10/100mbps ethernet applications with cmc ? s tuned to enhance emc system performance. c ompatible with various 10/100tx transceiver requiring 1:1 transmit and receive turns ratio g t s r f c - 5 1 x l * * * * * g t s r f c -5 1 x * * * * * g t s r f c - x x x s m * * * * * h161xxdf h161xxmm h161xxmc part number 0.3-100mhz 0.3-30mhz 40mhz 50mhz 60-100mhz 0.3-30mhz 60mhz 80-100mhz 0.3-60mhz 60-100mhz h16102df h16102df-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16105df h16105df-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16107df h16107df-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16119df h16119df-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16101mm h16101mm-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16104mm h16104mm-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16116mm h16116mm-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16101mc h16101mc-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16102mc h16102mc-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16107mc h16107mc-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16110mc h16110mc-r -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 h16101me H16101ME-R -1.1 -16 -14 -13.5 -10 -40 -35 -30 -40 -30 insertion loss (db max) return loss (db min) cmrr (db min) crosstalk (db min) 10/100 base-t transformer modules dongguan tel: 086-769-86761589 fax: 086-769-86761549 taiwan tel: 00886-3-3310896 fax: 00886-3-3310865
8-10 schematics h16101df, h16105mm, h16116mm h16117mm h16101df-r,h16105mm-r,h16116mm-r h16117mm-r h16103df, h16101mm h16104df, h16102mm h16103df-r,h16101mm-r h16104df-r,h16102mm-r 10/100 base-t transformer modules 10/100 base-t transformer modules dongguan tel: 086-769-86761589 fax: 086-769-86761549 taiwan tel: 00886-3-3310896 fax: 00886-3-3310865
8-11 schematics h16105df, h16103mm, h16109mc h16106df, h16104mm h16105df-r,h16103mm-r,h16109mc-r h16106df-r,h16104mm-r rd1 rx1 1 2 7 6 1ct : 1ct 3 5 tx1 td1 10 11 16 15 1ct : 1ct 12 14 rd1 rx1 1 3 7 5 6 1ct : 1ct 2 tx1 td1 10 11 16 15 1ct : 1ct 12 14 h16102df h16118df h16102df-r h16118df-r 7 1 5 4 1ct:1ct 3 10 16 12 13 14 1ct:1ct h16102mc h16103mc h16102mc-r h16103mc-r 1ct:1ct 1ct:1ct 1ct:1ct 1ct:1ct 1ct:1ct 1ct:1ct 10/100 base-t transformer modules dongguan tel: 086-769-86761589 fax: 086-769-86761549 taiwan tel: 00886-3-3310896 fax: 00886-3-3310865
8-12 schematics h16104mc h16105mc h16104mc-r h16105mc-r h16106mc h16107mc h16106mc-r h16107mc-r h16108mc h16108mc-r h16107df, h16101mc h16107df-r,h16101mc-r 10/100 base-t transformer modules dongguan tel: 086-769-86761589 fax: 086-769-86761549 taiwan tel: 00886-3-3310896 fax: 00886-3-3310865
8-13 schematics (continued) mechanical specifications h161xxmc h161xxmc-r h16104df, :pin4,5,12&13 omitted, h16104df-r h16101df, :pin4&13 omitted, pin8&9 no connection h16103df, :pin4,5,12&13 omitted h16101df-r h16103df-r h16105df, :pin4&13 omitted, pin8&9 no connection h16106df, :pin4&13 omitted pin8&9 no connection h16105df-r h16106df-r dimensions : inches/(mm) unless otherwise pecified all tolerances are 0.010 (0.25) h161xxdf millimeters inches millimeters inches dim min max min max dim min max min max a 12.40 12.90 0.488 0.508 h 9.25 9.75 0.364 0.384 b 6.70 7.20 0.264 0.283 i0808 c 4.75 5.25 0.187 0.207 j 2.55 3.05 0.100 0.120 d 8.89(typical) 0.350(typical) x 0.71 0.81 0.028 0.032 e 0.10 0.20 0.004 0.008 y 1.78 2.28 0.070 0.090 f 1.27(typical) 0.050(typical) z 10.42 10.92 0.410 0.430 g 0.45 0.55 0.018 0.022 k 0.20 0.30 0.008 0.012 h a d f g c b date code e h161xxdf-r dim min max nom min max nom a 20.07 20.57 20.32 0.790 0.810 0.800 b 9.45 9.95 9.70 0.372 0.392 0.382 c 5.85 6.35 6.10 0.230 0.250 0.240 d --- --- 17.78 --- --- 0.700 e 3.10 3.50 3.30 0.122 0.138 0.130 f --- --- 2.54 --- --- 0.100 g 0.45 0.55 0.50 0.018 0.022 0.020 h --- --- 7.62 --- --- 0.300 millimeters inches 10/100 base-t transformer modules dongguan tel: 086-769-86761589 fax: 086-769-86761549 taiwan tel: 00886-3-3310896 fax: 00886-3-3310865
mechanical specifications (continued) h161xxmm h161xxmm-r h16101me H16101ME-R dimensions inches/(mm) ; unless otherwise specified all tolerences are  0.01(0.25). for more informations 8-14 millimeters inches dim min max nom. min max nom. a 24.85 25.35 25.10 0.978 0.998 0.988 b 8.75 9.25 9.00 0.344 0.364 0.354 c 5.75 6.25 6.00 0.226 0.246 0.236 d --- --- 17.78 --- --- 0.700 e --- --- 0.40 0.008 0.012 0.010 f --- --- 2.54 --- --- 0.100 g 0.55 0.65 0.60 0.022 0.026 0.024 h 12.25 12.75 12.50 0.482 0.502 0.492 i 084084 j 0.80 1.20 1.00 0.031 0.047 0.039 k 0.25 0.35 0.30 0.010 0.014 0.012 x 0.92 1.12 1.02 0.036 0.044 0.040 y 2.29 2.79 2.54 0.090 0.110 0.100 z 13.47 13.97 13.72 0.530 0.550 0.540 millimeters inches millimeters inches dim min max nom min max nom dim min max nom min max nom a 12.45 12.95 12.70 0.490 0.510 0.500 h 9.35 9.85 9.60 0.368 0.388 0.378 b 6.80 7.30 7.05 0.268 0.287 0.278 i 0 8 4 0 8 4 c --- 2.25 --- --- 0.089 --- j 0.95 1.05 1.00 0.037 0.041 0.039 d --- --- 8.89 --- --- 0.350 x 0.71 0.81 0.76 0.028 0.032 0.030 e --- --- 0.25 --- --- 0.010 y 1.65 2.15 1.90 0.065 0.085 0.075 f --- --- 1.27 --- --- 0.050 z 10.55 11.05 10.80 0.415 0.435 0.425 g 0.46 0.56 0.51 0.018 0.022 0.020 k 0.25 0.35 0.30 0.010 0.014 0.012 10/100 base-t transformer modules dongguan tel: 086-769-86761589 fax: 086-769-86761549 taiwan tel: 00886-3-3310896 fax: 00886-3-3310865


▲Up To Search▲   

 
Price & Availability of H16101ME-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X